Part Number Hot Search : 
001444 F740SPBF A8735 74HCT368 2N558 CN6010 AN1330 AD5757
Product Description
Full Text Search
 

To Download STGD10NC60H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STGD10NC60H
N-channel 10A - 600V - DPAK Very fast PowerMESHTM IGBT
Features
Type STGD10NC60H

VCES 600V
IC VCE(sat) (Max)@ 25C @100C < 2.5V 10A
3 1
Low on-voltage drop (Vcesat) Low CRES / CIES ratio (no cross-conduction susceptibility)
DPAK
Description
Using the latest high voltage technology based on a patented strip layout, STMicroelectronics has designed an advanced family of IGBTs, the PowerMESHTM IGBTs, with outstanding performances. The suffix "H" identifies a family optimized for high frequency applications in order to achieve very high switching performances (reduced tfall) manta in ing a low voltage drop.
Internal schematic diagram
Applications

High frequency motor controls SMPS and PFC in both hard switch and resonant topologies Motor drivers
Order code
Part number STGD10NC60H Marking GD10NC60H Package DPAK Packaging Tape & reel
April 2007
Rev 1
1/14
www.st.com 14
Contents
STGD10NC60H
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................. 6
3 4 5 6
Test circuits
............................................... 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2/14
STGD10NC60H
Electrical ratings
1
Electrical ratings
Table 1.
Symbol VCES IC(1) IC(1) ICL(2) VGE PTOT Tj
Absolute maximum ratings
Parameter Collector-emitter voltage (VGS = 0) Collector current (continuous) at TC = 25C Collector current (continuous) at TC = 100C Collector current (pulsed) Gate-emitter voltage Total dissipation at TC = 25C Operating junction temperature Value 600 20 10 40 20 60 - 55 to 150 Unit V A A A V W C
1. Calculated according to the iterative formula:
T -T JMAX C I ( T ) = ----------------------------------------------------------------------------------------------------CC R xV (T , I ) THJ - C CESAT ( MAX ) C C
2. Vclamp=480V, Tj=150C, RG=10, VGE=15V
Table 2.
Symbol Rthj-case Rthj-amb
Thermal resistance
Parameter Thermal resistance junction-case max Thermal resistance junction-ambient max Value 2.08 62.5 Unit C/W C/W
3/14
Electrical characteristics
STGD10NC60H
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 3.
Symbol VBR(CES) ICES IGES VGE(th) VCE(sat) gfs
Static
Parameter Collector-emitter breakdown voltage Collector cut-off current (VGE = 0) Gate-emitter leakage current (VCE = 0) Gate threshold voltage Test conditions IC= 1mA, VGE= 0 VCE= Max rating,TC= 25C VCE=Max rating,TC= 125C VGE= 20V, VCE= 0 VCE= VGE, IC= 250 A 3.75 1.9 1.7 3.5 Min. 600 150 1 100 5.75 2.5 Typ. Max. Unit V A mA nA V V V S
Collector-emitter saturation VGE= 15V, IC= 5A voltage VGE= 15V, IC= 5A, Tc= 125C Forward transconductance VCE = 15V, IC= 5A
Table 4.
Symbol Cies Coes Cres Qg Qge Qgc
Dynamic
Parameter Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate-emitter charge Gate-collector charge Test conditions VCE = 25V, f = 1MHz, VGE = 0 VCE = 390V, IC = 5A, VGE = 15V, (see Figure 16) Min. Typ. 365 43 8.3 19.2 4.5 7 Max. Unit pF pF pF nC nC nC
4/14
STGD10NC60H
Electrical characteristics
Table 5.
Symbol td(on) tr (di/dt)on td(on) tr (di/dt)on tr(Voff) td(off) tf tr(Voff) td(off) tf
Switching on/off (inductive load)
Parameter Turn-on delay time Current rise time Turn-on current slope Turn-on delay time Current rise time Turn-on current slope Off voltage rise time Turn-off delay time Current fall time Off voltage rise time Turn-off delay time Current fall time Test conditions VCC = 390V, IC = 5A , RG= 10 VGE= 15V, Figure 15. Figure 17. VCC = 390V, IC = 5A , RG= 10 VGE= 15V, Tj=125C Figure 15. Figure 17. Vcc = 390V, IC = 5A, , RGE = 10 VGE = 15V, Figure 15. Figure 17. Vcc = 390V, IC = 5A, RGE=10 VGE =15V, , Tj=125C Figure 15. Figure 17. Min. Typ. 14.2 5 1000 14 5 920 27 72 85 50 108 139 Max. Unit ns ns A/s ns ns A/s ns ns ns ns ns ns
Table 6.
Symbol Eon Eoff(1) Ets Eon Eoff(1) Ets
Switching energy (inductive load)
Parameter Turn-on switching losses Turn-off switching losses Total switching losses Turn-on switching losses Turn-off switching Losses Total switching losses Test conditions VCC = 390V, IC = 5A , RG= 10 VGE=15V, Tj=25C (see Figure 17) VCC = 390V, IC = 5A , RG= 10 VGE= 15V, Tj= 125C (see Figure 17) Min. Typ. 31.8 95 126.8 61.8 173 234.8 Max. Unit J J J J J J
1. Turn-off losses include also the tail of the collector current
5/14
Electrical characteristics
STGD10NC60H
2.1
Figure 1.
Electrical characteristics (curves)
Output characteristics Figure 2. Transfer characteristics
Figure 3.
Transconductance
Figure 4.
Collector-emitter on voltage vs temperature
Figure 5.
Gate charge vs gate-source voltage Figure 6.
Capacitance variations
6/14
STGD10NC60H Figure 7. Normalized gate threshold voltage vs temperature Figure 8.
Electrical characteristics Collector-emitter on voltage vs collector current
Figure 9.
Normalized breakdown voltage vs temperature
Figure 10. Switching losses vs temperature
Figure 11. Switching losses vs gate resistance Figure 12. Switching losses vs collector current
7/14
Electrical characteristics Figure 13. Thermal Impedance Figure 14. Turn-off SOA
STGD10NC60H
8/14
STGD10NC60H
Test circuits
3
Test circuits
Figure 16. Gate charge test circuit
Figure 15. Test circuit for inductive load switching
Figure 17. Switching waveform
9/14
Package mechanical data
STGD10NC60H
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
10/14
STGD10NC60H
Package mechanical data
DPAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B b4 C C2 D D1 E E1 e e1 H L (L1) L2 L4 R V2 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 5.1 6.4 4.7 2.28 4.4 9.35 1 2.8 0.8 0.6 0.2 0 8 0 1 0.023 0.008 8 4.6 10.1 0.173 0.368 0.039 0.110 0.031 0.039 6.6 0.252 0.185 0.090 0.181 0.397 TYP MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.200 0.260 TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 inch
0068772-F
11/14
Packaging mechanical data
STGD10NC60H
5
Packaging mechanical data
DPAK FOOTPRINT
All dimensions are in millimeters
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
12/14
STGD10NC60H
Revision history
6
Revision history
Table 7.
Date 02-Apr-2007
Revision history
Revision 1 Initial release. Changes
13/14
STGD10NC60H
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of STGD10NC60H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X